Part Number Hot Search : 
RBV1006D 3101E DMA20101 AM29LV64 A54E3 ACS714 R3540PF U20C60
Product Description
Full Text Search
 

To Download SMS12CT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 february, 2005 ? rev. 5 1 publication order number: sms05c/d sms05c, sms12c, sms15c, sms24c 5-line transient voltage suppressor array this 5?line voltage transient suppressor array is designed for application requiring transient voltage protection capability. it is intended for use in over?transient voltage and esd sensitive equipment such as computers, printers, automotive electronics, networking communication and other applications. this device features a monolithic common anode design which protects five independent lines in a single sc?74 package. features ? protects up to 5 lines in a single sc?74 package ? peak power dissipation ? 350 w (8  20  s waveform) ? esd rating of class 3b (exceeding 8.0 kv) per human body model and class c (exceeding 400 v) per machine model ? compliance with iec 61000?4?2 (esd) 15 kv (air), 8.0 kv (contact) ? flammability rating of ul 94 v?0 ? pb?free package is available applications ? hand?held portable applications ? networking and telecom ? automotive electronics ? serial and parallel ports ? notebooks, desktops, servers maximum ratings (t j = 25 c unless otherwise specified) symbol rating value unit p pk 1 peak power dissipation 8  20  s double exponential waveform (note 1) 350 w t j operating junction temperature range ?40 to 125 c t stg storage temperature range ?55 to 150 c t l lead solder temperature (10 s) 260 c esd human body model ( hbm) machine model (mm) iec 61000?4?2 air (esd) iec 61000?4?2 contact (esd) >8000 >400 >15000 >8000 v maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. non?repetitive current pulse per figure 3. sc?74 five transient voltage suppressor 350 w peak power sc?74 case 318f style 6 1 2 3 6 5 4 marking diagram pin assignment device package shipping 2 ordering information sms05ct1 sc?74 3000/tape & reel pin 1. cathode 2. anode 3. cathode 4. cathode 5. cathode 6. cathode http://onsemi.com 1 6 6x m x = sms05c:j = sms12c:k = sms15c:l = sms24c:m m = date code SMS12CT1 sc?74 3000/tape & reel sms15ct1 sc?74 3000/tape & reel sms15ct1g sc?74 (pb?free) 3000/tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. sms24ct1 sc?74 3000/tape & reel http://onsemi.com
sms05c, sms12c, sms15c, sms24c http://onsemi.com 2 sms05c electrical characteristics (t j = 25 c unless otherwise specified) parameter symbol conditions min typ max unit reverse working voltage v rwm (note 2) 5.0 v breakdown voltage v br i t = 1.0 ma (note 3) 6.2 7.2 v reverse leakage current i r v rwm = 5.0 v 5.0  a clamping voltage v c i pp = 5.0 a (8  20  s waveform) 9.8 v clamping voltage v c i pp = 24 a (8  20  s waveform) 14.5 v maximum peak pulse current i pp 8  20  s waveform 24 a capacitance c j v r = 0 v, f = 1.0 mhz (line to gnd) 260 400 pf sms12c electrical characteristics (t j = 25 c unless otherwise specified) parameter symbol conditions min typ max unit reverse working voltage v rwm (note 2) 12 v breakdown voltage v br i t = 1.0 ma (note 3) 13.3 15 v reverse leakage current i r v rwm = 12 v 0.001 1.0  a clamping voltage v c i pp = 5.0 a (8  20  s waveform) 19 v clamping voltage v c i pp = 15 a (8  20  s waveform) 23 v maximum peak pulse current i pp 8  20  s waveform 15 a capacitance c j v r = 0 v, f = 1.0 mhz (line to gnd) 120 150 pf sms15c electrical characteristics (t j = 25 c, unless otherwise specified) (see note 4) parameter symbol conditions min typ max unit reverse working voltage v rwm (note 2) 15 v breakdown voltage v br i t = 1.0 ma (note 3) 17 19 v reverse leakage current i r v rwm = 15 v 0.05 1.0  a clamping voltage v c i pp = 5.0 a (8  20  s waveform) 24 v clamping voltage v c i pp = 12 a (8  20  s waveform) 29 v maximum peak pulse current i pp 8  20  s waveform 12 a capacitance c j v r = 0 v, f = 1.0 mhz (line to gnd) 95 125 pf sms24c electrical characteristics (t j = 25 c, unless otherwise specified) parameter symbol conditions min typ max unit reverse working voltage v rwm (note 2) 24 v breakdown voltage v br i t = 1.0 ma (note 3) 26.7 32 v reverse leakage current i r v rwm = 24 v 0.001 1.0  a clamping voltage v c i pp = 5.0 a (8  20  s waveform) 40 v clamping voltage v c i pp = 8 a (8  20  s waveform) 44 v maximum peak pulse current i pp 8  20  s waveform 8.0 a capacitance c j v r = 0 v, f = 1.0 mhz (line to gnd) 60 75 pf 2. tvs devices are normally selected according to the working peak reverse voltage (v rwm ), which should be equal or greater than the dc or continuous peak operating voltage level. 3. v br is measured at pulse test current i t . 4. parametrics are the same for the pb?free packages, which are suffixed with a ag''.
sms05c, sms12c, sms15c, sms24c http://onsemi.com 3 typical performance curves (t j = 25 c unless otherwise specified) figure 1. pulse derating curve 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 175 200 t a , ambient temperature ( c) peak pulse derating in % of peak power or current @ t a = 25 c figure 2. 8 20  s pulse waveform 100 90 80 70 60 50 40 30 20 10 0 0204060 t, time (  s) % of peak pulse current t p t r pulse width (t p ) is defined as that point where the peak current decay = 8  s peak value i rsm @ 8  s half value i rsm /2 @ 20  s 80 figure 3. clamping voltage vs. peak pulse current 50 30 25 20 15 10 5 0 0510 i pp , peak pulse current (a) v c , clamping voltage (v) 15 20 25 figure 4. junction capacitance vs. reverse voltage 300 250 200 150 100 50 0 05 v br , reverse voltage (v) junction capacitance (pf) 10 15 20 25 45 40 35 8 x 20  s pulse waveform f = 1.0 mhz sms05c sms12c sms15c sms24c sms05c sms12c sms15c sms24c figure 5. esd pulse iec 61000?4?2 (8.0 kv contact) figure 6. sms15ct1 esd response for iec 61000?4?2 (+8.0 kv contact)
sms05c, sms12c, sms15c, sms24c http://onsemi.com 4 typical common anode applications a 5 tvs junction common anode design in a sc-74 package protects four separate lines using only one package. this adds flexibility and creativity to pcb design especially when board space is at a premium. a simplified example of sms05c series device applications is illustrated below. keyboard terminal printer etc. functional decoder i/o a sms05c series device gnd figure 7. computer interface protection b c d figure 8. microprocessor protection ram rom clock cpu control bus address bus data bus gnd v gg v dd sms05c series device e i/o
sms05c, sms12c, sms15c, sms24c http://onsemi.com 5 package dimensions sc?74 case 318f?05 issue k style 6: pin 1. cathode 2. anode 3. cathode 4. cathode 5. cathode 6. cathode 23 4 5 6 a l 1 s g d b h c 0.05 (0.002) m j k dim min max min max millimeters inches a 0.1142 0.1220 2.90 3.10 b 0.0512 0.0669 1.30 1.70 c 0.0354 0.0433 0.90 1.10 d 0.0098 0.0197 0.25 0.50 g 0.0335 0.0413 0.85 1.05 h 0.0005 0.0040 0.013 0.100 j 0.0040 0.0102 0.10 0.26 k 0.0079 0.0236 0.20 0.60 l 0.0493 0.0649 1.25 1.65 m 0 10 0 10 s 0.0985 0.1181 2.50 3.00  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 0.7 0.028 1.9 0.074 0.95 0.037 2.4 0.094 1.0 0.039 0.95 0.037  mm inches  scale 10:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
sms05c, sms12c, sms15c, sms24c http://onsemi.com 6 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 sms05c/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of SMS12CT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X